Part Number Hot Search : 
LT1027D 8806CEH HYS64T KT831W51 74LVC3 10150 MAX1206 7212AM
Product Description
Full Text Search
 

To Download SR28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SR22~SR210
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Low profile package * Built-in strain relief * Metal to silicon rectifier. majority carrier conduction * Low power loss,high efficiency * High surge capacity * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * Pb free product are available : 99% Sn can meet Rohs environment substance directive request
SMA/DO-214AC
Unit: inch (mm)
20 to 100 Volts
CURRENT
2.0 Amperes
.062(1.60) .047(1.20)
.181(4.60) .157(4.00)
.012(.305) .006(.152)
.096(2.44) .078(2.00)
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic Terminals:Solder plated, solderable per MIL-STD-202G, Method 208 Polarity: Color band denotes positive end (cathode) Standard packaging: 12mm tape (EIA-481) Weight: 0.002 ounce, 0.064 gram
.060(1.52) .030(0.76)
.008(.203) .002(.051)
.208(5.28) .188(4.80)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t T L = 7 5 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 2 . 0 A ( N o t e 1 ) M a xi m um D C R e ve r s e C ur r e nt T A = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T A = 1 0 0 OC M a xi m um The r m a l R e s i s t a nc e ( N o t e 2 ) O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e S YM B O L V RRM V RMS V DC IAV IFSM VF 0 .5 S R2 2 20 14 20 S R2 3 30 21 30 S R2 4 40 28 40 S R2 5 50 35 50 2 .0 50 0 .7 0 .5 20 20 75 -5 0 to +1 2 5 -5 0 to +1 5 0
O
S R2 6 60 42 60
S R2 8 80 56 80
S R2 9 90 63 90
.114(2.90) .098(2.50)
S R2 1 0 100 70 100
U N IT S V V V A A
0 .8 5
V
IR R J L R J A TJ TSTG
mA
C/W
O
C C
O
NOTES: 1. Pulse Test with PW =300sec, 1% Duty Cycle. 2. Mounted on P.C. Board with 8mm 2 (.013mm thick) copper pad areas.
REV.0-MAR.22.2005
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGEFORWARDRECITIFIED CURRENT AMPERES
PEAK FORWARDSURGE CURRENT, AMPERES
2.5 2.0 1.5 1.0 0.5 0
60 50 40 30 20 10 0 1 10
NO. OF CYCLE AT 60HZ
.375" 9.5mmLEADLENGHTS RESISTIVEORINDUCTIVELOAD
0
20
40
60
80
100
O
120
140
160
100
LEAD TEMPERAURE, C
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON-REPETITIVE PEAK FORW ARD SURGE CURRENT
10 5
10
50-60V
FORWARD CURRENT, AMPERES
10 4
T J = 125 OC
20-40V
REVERSE CURRENT, uA
10
3
1.0
80-90V
T J = 75 OC
10
2
T J = 25 OC
10 1
0.1
T A = 25 C
O
10 0
V RRM = 80-90V V RRM = 50-60V V RRM = 20-40V
10 -1
0.01
140
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1.0
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
REV.0-MAR.22.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SR28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X